Part Number Hot Search : 
HYUNPRN 474J400 M29LV0 NLX1G57 74HC174 113Z3 TB1212 V271CA40
Product Description
Full Text Search
 

To Download BCP-5-33-D48N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
(R)
INNOVATION and EXCELLENCE
Dual Output
Mixed Voltage, BCP Models
5V and 3.3V, "Half-Brick" 75 Watt, DC/DC Converters
Features
I I I I I I I
Independent 5V and 3.3V outputs Each output fully regulated No minimum load requirements Up to 15 Amps per output 75 Watts total output power Standard "half-brick" package UL1950, EN60950 and VDE safety approvals (BASIC insulation) Fully isolated, 1500Vdc guaranteed 18-36V or 36-75V input ranges mark available (75V-input models) Input under and overvoltage shutdown Continuous short-circuit protection Thermal shutdown
I I I I I I
As your new, mixed-logic (5V and 3.3V) design evolves and your current requirements change, your new DC/DC converter will not. DATEL's BCP-5/15-3.3/15-D24 (18-36V input) and BCP-5/15-3.3/15-D48 (36-75V input) are fully isolated DC/DC converters providing both 5V and 3.3V outputs. Housed in standard "half-brick" packages (2.3" x 2.4" x 0.525"), the BCP's can support any combination of 5V and 3.3V loading up to a combined total of 15 Amps. Both outputs are fully isolated (1500Vdc) and independently line (0.2%) and load (0.5% and 0.6%) regulated. Both BCP models feature input pi filters, input undervoltage and overvoltage shutdown, input reverse-polarity protection, output overvoltage protection, current limiting, and thermal shutdown. Each has an on/off control function, or an optional sync capability and the two output voltages can be trimmed independently. BCP Model DC/DC's deliver low noise (50mVp-p), high efficiency (87%) and are fully specified for -40 to +100C operation. Utilization of metal baseplate technology with threaded inserts permits easy heat-sink attachment and/or pcb mounting. These devices meet IEC950, UL1950, EN60950 and VDE safety standards, including BASIC insulation requirements. CB reports are available on request. "D48" models are CE marked (meet the requirements of LVD).
+INPUT
+5V OUTPUT
SWITCH CONTROL 5V RETURN +3.3V OUTPUT
-INPUT 3.3V RETURN MAG AMP CONTROLLER REFERENCE & ERROR AMP
ON/OFF CONTROL (SYNC) PWM CONTROLLER UV & OV COMPARATORS
3.3V TRIM
OPTO ISOLATION
REFERENCE & ERROR AMP
5V TRIM
Figure 1. Simplified Schematic
DATEL, Inc., Mansfield, MA 02048 (USA) * Tel: (508)339-3000, (800)233-2765 Fax: (508)339-6356 * Email: sales@datel.com * Internet: www.datel.com
XCP Series
7 5 W, D UA L O U T P U T, M I X E D - VO LTAG E D C / D C C O N V E R T E R S
Performance Specifications and Ordering Guide
VOUT (Volts)
5 3.3 5 3.3
Input Regulation (Max.) Line
0.2% 0.2% 0.2% 0.2%
Model
BCP-5/15-3.3/15-D24 BCP-5/15-3.3/15-D48
IOUT (Amps)
15 15 15 15
Output R/N (mVp-p) Typ.
50 50 50 50
Max.
100 100 100 100
Load
0.5% 0.6% 0.5% 0.6%

VIN Nom. (Volts)
24 48
Range (Volts)
18-36 36-75
IIN (mA)
215/3720 125/1860
Efficiency Min.
84% 84%
Typ.
Package (Case, Pinout)
C19, P29 C19, P29
87.2% 88%
Typical at TA = +25C under nominal line voltage and balanced "full-load" (5V @7.5A, 3.3V @ 7.5A) conditions unless otherwise noted. Ripple/Noise (R/N) measured over a 20MHz bandwidth. All models are specified with 22F, low-ESR, input capacitor and 10F tantalum in parallel with 1F ceramic output capacitors.
No load to 100% load, other output at no-load. Nominal line voltage, no-load/5V at full-load condition. Current from either output at maximum value, or both outputs to a combined total of 15 A. 5V at full-load condition.
PA R T N U M B E R S T R U C T U R E
Part Number Suffixes
BCP - 5 / 15 - 3.3 / 15 - D24 N
Dual Output/ Standard Half-Brick Package V1 Nominal Output Voltage: 5 Volts I1 Maximum Output Current: 15A I2 Maximum Output Current: 15A V2 Nominal Output Voltage: 3.3 Volts Add "N" or "S" suffix as desired Input Voltage Range: D24 = 18-36 Volts (24V nominal) D48 = 36-75 Volts (48V nominal)
BCP 75 Watt DC/DC's are designed so an On/Off Control function, with either positive polarity (no suffix) or negative polarity ("N"suffix), or a Sync function ("S" suffix) can be added in the pin 3 position. No Suffix On/Off Control function (positive polarity) on pin 3 N S On/Off Control function (negative polarity) on pin 3 Sync function on pin 3
M E C H A N I C A L S P E C I F I C AT I O N S
Optional Heat Sink (Part Number HS-CPLP2)
3.50 (88.90)
2.30 (58.42) METAL BASEPLATE
2.000 (50.80)
0.75 (19.05)
0.20 (5.08)
0.545 (13.84) MAX. 0.525 (13.34) TYP.
Case C19
PLASTIC SHELL
0.20 MIN (5.08) 1.900 (48.26)
0.040 0.002 DIA. (1.016 0.051)
1.900 (48.26)
2.30 (58.42)
0.20 (5.08)
10 1 9 2 8 2.000 1.400 (50.80) (35.56) 1.000 (25.40) 0.400 (10.16) 4 (4) THREADED INSERTS #M3 THD THRU 7 3 6 5 0.200 (5.08) BOTTOM VIEW 0.20 (5.08) 0.300 (7.62) 0.600 (15.24) 2.40 1.600 1.300 (40.64) (60.96) 1.000 (33.02) (25.40)
0.140 THRU AND COUNTERSINK 90 TO 0.26 (4 PLACES)
0.16 (4.06) 2.48 (62.99)
0.47 (11.94)
0.30 (7.62)
MATERIAL: BLACK ANODIZED ALUMINUM
Optional Heat Sink (Part Number HS-CP)
2.30 (58.42) 0.50 (12.70) TYP. 051 (12.95) MAX. 0.20 (5.08) 0.10 (2.54) 1.900 (48.26)
I/O Connections Pin Function P29 Pin 1 -Input 6 2 Case (Baseplate) 7 3 On/Off Control 8 4 +Input 9 5 5V Trim 10
Function P29 5V Return +5V Output 3.3V Trim 3.3V Return +3.3V Output
2.000 (50.80)
2.40 (60.96)
TOP VIEW 0.147 DIA. (3.734) (4 PLACES)
0.20 (5.08)
MATERIAL: BLACK ANODIZED ALUMINUM 4 MOUNTING SCREWS AND 0.009 (0.229) THICK THERMAL PAD INCLUDED
2
7 5 W, D UA L O U T P U T, M I X E D - VO LTAG E D C / D C C O N V E R T E R S
BCP Models
Output (continued)
Performance/Functional Specifications
Typical @ TA = +25C under nominal line voltage, balanced "full-load" conditions, unless noted.
Input
Input Voltage Range: D24 Models D48 Models Overvoltage Shutdown: D24 Models D48 Models Start-Up Threshold: D24 Models D48 Models Undervoltage Shutdown: D24 Models D48 Models Input Current: Normal Operating Conditions Minimum Input Voltage: D24 Models D48 Models Standby Mode: Off, OV, UV, Thermal Shutdown Input Reflected Ripple Current: Source Impedance <0.1 22F Low-ESR Capacitor Input Filter Type Reverse-Polarity Protection: D24 Models D48 Models On/Off Control: (Pin 3) D24 & D48 Models D24N & D48N" Models Sync (Option, Pin 3): Input Threshold (Rising Edge Active) Input Voltage Low Input Voltage High Input Resistance Output High Voltage (100A load) Input/Output Pulse Width VOUT Accuracy 5V Output 3.3V Output Minimum Loading Per Specification Ripple/Noise (20MHz BW) Line/Load Regulation Efficiency Trim Range Isolation Voltage: Input-to-Output Input-to-Case Output-to-Case Isolation Capacitance Isolation resistance Current Limit Inception: 5V @ 98% VOUT (3.3V no-load) 3.3V @ 98% VOUT (5V no-load) Short Circuit Current: Temperature Coefficient 18-36 Volts (24V nominal) 36-75 Volts (48V nominal) 37.5-40.5 Volts (39V typical) 78.8-87.0 Volts (83V typical) 15.5-18 Volts (16.5V typical) 33.5-36 Volts (34.4V typical) 14-16 Volts (15.3V typical) 30.5-33.5 Volts (31.8V typical) See Ordering Guide 5.02 Amps maximum 2.51 Amps maximum 17mA typical
Overvoltage Protection: 5V Output 3.3V Output Dynamic Load Response: 5V (50-100% load step to 1% VOUT) 3.3V (50-100% load step to 1% VOUT) Start-Up Time: VIN to VOUT On/Off to VOUT Switching Frequency MTBF D24 Models D48 Models Operating Temperature (Ambient): Case to Ambient, No Heatsink Without Derating With Derating Case Temperature: Maximum Allowable For Thermal Shutdown Storage Temperature Dimensions
Magnetic feedback, latching 6.8 volts 4.5Volts
Dynamic Characteristics
450sec maximum 450sec maximum 30msec maximum 20msec maximum 350kHz (35kHz)
Environmental
Bellcore, ground fixed, controlled 1.49M hours (case @ 50C) 1.72M hours (case @ 50C) 6.8C/Watt -40 to +45C (with heat sink) To +100C (See Derating Curves) +100C +100C minimum, +110C maximum -40 to +120C
53mArms, 150mAp-p maximum Pi (0.47pF - 4.7H - 3F) 1 minute duration, 6A maximum 1 minute duration, 4A maximum On = open or 2.0 - +VIN, IIN = 50A max. Off = 0-0.6V, IIN = 1mA max. On = 0-0.6V, IIN = 1mA max. Off = open or 2.0 - +VIN, IIN = 50A max. 0.9-1.8 Volts 0-0.8 Volts 2.9-5.0 Volts 35k minimum 2.1-2.8 Volts 200-450nsec
Physical
2.3" x 2.4" x 0.525" (58.4 x 61 x 13.3mm) Pin 2 Diallyl phthalate, UL94V-0 rated, aluminum baseplate; solder-tinned brass pins 4.2 ounces (118 grams) Case (Baseplate) Connection Case/Pin Material Weight
Primary to Secondary Insulation Level Basic
Models are specified at "full load" (5V & 3.3V @ 7.5A), with an external 22F, low-ESR, input capacitor and 10F tantalum in parallel with 1F ceramic output capacitors. See Technical Notes for details. Devices may be ordered with opposite polarity (pin 3 open = off), or the On/Off Control function can be replaced with a sync function. See Part Number Suffixes and Technical Notes for additional information. Output noise may be further reduced with the installation of additional external output capacitors. See Technical Notes. These signals must be referenced to the input return pin (-VIN). Demonstrated MTBF available on request.
Output
2% maximum 2% maximum No load See Ordering Guide See Ordering Guide See Ordering Guide and Efficiency Curves 10% independent 1500Vdc minimum 1000Vdc minimum 1000Vdc minimum 470pF 100M 16-20 Amps 16-20 Amps Constant current 25A, indefinite 0.02% per C
Absolute Maximum Ratings
Input Voltage: Continuous: D24 Models D48 Models Transient (100msec): D24 Models D48 Models 40.5 Volts 87 Volts 50 Volts 100 Volts Input Current must be limited. 1 minute duration. Fusing recommended. 6 Amps 4 Amps 3.8 Volts, latching 6.2 Volts, latching Current limited. Devices can withstand an indefinite output short circuit. -40 to +120C +300C
Input Reverse-Polarity Protection D24 Models D48 Models Output Overvoltage Protection 3.3V Outputs 5V Outputs Output Current Storage Temperature Lead Temperature (Soldering, 10 sec.)
These are stress ratings. Exposure of devices to any of these conditions may adversely affect long-term reliability. Proper operation under conditions other than those listed in the Performance/Functional Specifications Table is not implied, nor recommended.
3
XCP Series
7 5 W, D UA L O U T P U T, M I X E D - VO LTAG E D C / D C C O N V E R T E R S
TECHNICAL NOTES
Start-Up Time The VIN to VOUT start-up time is the interval between the time at which a ramping input voltage crosses the turn-on threshold point and the fullyloaded output voltage enters and remains within its specified accuracy band. Actual measured times will vary with input source impedance, external input capacitance, and the slew rate and final value of the input voltage as it appears to the converter. The On/Off to VOUT start-up time assumes the converter has its nominal input voltage applied but is turned off via the On/Off Control. The specification defines the interval between the time at which the converter is turned on and the fully loaded output voltage enters and remains within its specified accuracy band. On/Off Control (Standard feature) The On/Off Control (pin 3) may be used for remote on/off operation. As shown in Figure 1A, the control pin is referenced to the -Input (pin 1) and will be pulled to a high state internally. The standard BCP converter (no suffix) is designed so that it is enabled when the control pin is left open and disabled when the control pin is pulled low (to less than +0.6V relative to -Input). Dynamic control of the on/off function is best accomplished with a mechanical relay or an open-collector/open-drain drive circuit (optically isolated if appropriate). The drive circuit should be able to sink approximately 1mA for logic low. The on/off control function is designed such that the converter can be disabled (pin 3 pulled low for no-suffix models) while input power is ramping up and then "released" once the input has stabilized. For BCP converters configured with the negative-polarity option on the On/Off Control pin ("N" suffix added to part number), operation is opposite to that described above. The converter is disabled when the On/Off Control pin is left open and enabled when pulled low.
3.3V
5V & 3.3V Outputs/Returns The BCP Series outputs (pins 7 & 10) and returns (pins 6 & 9) are isolated from the +VIN and -VIN inputs (pins 4 & 1) via a transformer and opto-coupled transistors. The +5V Return (pin 6) and +3.3V Return (pin 9) are connected internal to the DC/DC converter. Though the returns are common within the DC/DC converter, the regulating control loop for each output is sensed directly at its respective output and return pins. In order to maintain optimum regulation if ground plane is not used, it is critical that PC board layouts also return each output to its corresponding return pin. Filtering and Noise Reduction All BCP DC/DC Converters achieve their rated ripple and noise specifications using the external input and output capacitors specified in the Performance/ Functional Specifications table. In critical applications, input/output noise may be further reduced by installing additional external I/O caps. Input capacitors should be selected for bulk capacitance, low ESR and high rms-ripple-current ratings. Output capacitors should be selected for low ESR and appropriate frequency response. All caps should have appropriate voltage ratings and be mounted as close to the converters as possible. The most effective combination of external I/O capacitors will be a function of your particular load and layout conditions. Our Applications Engineers will be pleased to recommend potential solutions and can discuss the possibility of our modifying a device's internal filtering to meet your specific requirements. Contact our Applications Engineering Group for additional details. Input Fusing Certain applications and/or safety agencies may require the installation of fuses at the inputs of power conversion components. Fuses should also be used if the possibility of sustained, non-current-limited, input-voltage polarity reversals exists. For DATEL BCP DC/DC Converters, you should use slowblow type fuses with values no greater than the following. VIN Range "D24" Models "D48" Models Fuse Value 6 Amps 4 Amps
4
+INPUT 21k
4
+INPUT 100k
3 ON/OFF CONTROL
3 ON/OFF CONTROL
Fuses should be installed in the +Input line.
1 1 -INPUT -INPUT
Input Overvoltage/Undervoltage Shutdown and Start-Up Threshold Under normal start-up conditions, devices will not begin to regulate until the ramping-up input voltage exceeds the Start-Up Threshold Voltage (35V for "D48" models). Once operating, devices will not turn off until the input voltage drops below the Undervoltage Shutdown limit (32V for "D48" models). Subsequent re-start will not occur until the input is brought back up to the Start-Up Threshold. This built-in hysteresis prevents any unstable on/off situations from occurring at a single voltage. Input voltages exceeding the input overvoltage shutdown specification listed in the Performance/Functional Specifications will cause the device to shutdown. A built-in hysteresis (2V typical for "D24" models, 4V typical for "D48" models) will not allow the converter to restart until the input voltage is sufficiently reduced.
Figure 1A. No Suffix
Figure 1B. "N" Suffix
Sync Function (Optional feature)
In critical applications employing multiple switching DC/DC converters, it may be necessary to intentionally synchronize the switching of selected converters. The BCP Series offers an optional Sync function ("S" suffix) in place of the On/Off Control on pin 3. The Sync pin will self-configure as either a slave or master, depending on the circuit application.
4
7 5 W, D UA L O U T P U T, M I X E D - VO LTAG E D C / D C C O N V E R T E R S
BCP Models
If the Sync pin detects the appropriate input signal, it will configure itself as a slave; if no signal is detected, it will generate master Sync pulses. Synchronization of converters requires that the master switching frequency exceed the slave frequency by a minimum of 60kHz. At the start of each DC/DC converter switching cycle, an internally generated 200-450ns pulse will be present at the Sync pin. If, however, the unit receives an external Sync pulse, the DC/DC converter's switching cycle will be terminated and a new cycle initiated. Since the master frequency is higher than the slave switching frequency, the slave cycles are always terminated prematurely, thereby never allowing internal Synch pulses to be generated. The external signal's rising edge initiates the slave Sync process. External signals must adhere to min./ max. limits stated in Performance/Functional Specifications. Operating the BCP series DC/DC converters at higher switching frequencies via the external Sync function will result in a slight degradation of efficiency. Contact DATEL for further information. Output Overvoltage Protection Each voltage output of the BCP Series converter is independently monitored via an auxiliary winding in the output inductor. If the output voltage should rise to a level which could be damaging to the load circuitry (see Performance/Functional Specifications for limits), the overvoltage circuitry will power down the PWM controller and latch off the DC/DC converter. The device must now be restarted by powering cycling VIN. Current Limiting When output current demands exceed the maximum output current rating by 107% to 133%, the DC/DC converter will go into a current limiting mode. In this condition the output voltage decreases proportionately as the output current increases, thereby maintaining a somewhat constant power dissipation--referred to as Power Limiting (see Figure 2). As the load approaches a short circuit, the output current will continue to increase until it reaches the rated Short Circuit Current limit.
Short Circuit Condition As described under "Current Limiting," when the BCP Series DC/DC converter output is subjected to a short circuit condition, the output current will remain at the Short Circuit Current limit. In this state there is negligible power dissipated in the load. Therefore, most of the input power is dissipated within the converter, causing the internal temperature to increase. If this condition persists, Thermal Shutdown will activate and shutdown the DC/DC converter. When the internal temperature is sufficiently decreased, the converter will self-start. Thermal Shutdown The BCP Series is equipped with Thermal Shutdown circuitry. If the internal temperature of the DC/DC converter rises above the designed operating temperature, a precision temperature sensor will power down the unit. When the internal temperature decreases below the threshold of the temperature sensor the unit will self-start. Input Reverse-Polarity Protection Upon applying a reverse-polarity voltage to the DC/DC converter, an internal diode will be forward biased and draw excessive current from the power source. Therefore, it is required that the input current be limited be either an appropriately rated input fuse or a current limited power source. Heat Sinks for BCP Series DATEL offers two standard heat sinks that can be mounted to the half-brick package to extend the converter's operating temperature range. Along with the standard 2.3" x 2.4" x 0.5" (HS-CP) heat sink, DATEL has designed a low-profile heat sink for height-restricted applications. This new heat sink (HS-CPLP2) is designed with radiant fins that extend 0.51" beyond either side of the 2.4" dimension of the BCP package. The convenience of this design is that the finned extensions protrude only 0.31" below the top surface of the DC/DC converter, allowing components with a profile height less than 0.215" to be mounted on the pc board below the heat sink. Therefore, while the surface area of the low-profile heat sink measures 2.3" x 3.5", pcb real estate is unaffected. For optimum thermal performance in a natural convection application, the low-profile heat sink should be mounted with the fins vertically oriented. Both models are shipped with 0.009" sellf-adhesive thermal pad and mounting screws.
6
BCP-5/15-3.3/15-D24, D48 Current Limiting Characteristics (Nominal VIN)
6.00
5.00
Output Voltage VOUT (Volts)
5V Output
4.00
3.00
C WATT
THERMAL RESISTANCE
5
4
2.00
HS-CPLP2 3 HS-CP
3.3V Output
1.00
2
0
23.5
24
25
15.2
15.7
16.2
16.7
17.2
17.8
18.3
18.8
19.3
19.8
20.3
20.9
21.9
22.4
22.6
26
1
Output Current, IOUT (Amps)
0 0 100 200 300 400 500 600 700 AIR VELOCITY (FT./MIN.)
Figure 2. Current Limiting Characteristics
HS-CP and HS-CPLP2 Heat Sink Performance Vs. Air Flow (@ 10.5 Watts Power Dissipation)
5
XCP Series
7 5 W, D UA L O U T P U T, M I X E D - VO LTAG E D C / D C C O N V E R T E R S
Output Trimming Both the 5V and 3.3V outputs of the BCP Series can be independently trimmed via a trimpot (Figure 3A) or a single fixed resistor as shown (Figures 3B & 3C). The trimpot can be used to determine the value of a single fixed resistor. A single fixed resistor can increase or decrease the output voltage depending on its connection. Fixed resistors should be metal-film types with absolute TCR's less than 100ppm/C to ensure stability.
+3.3V OUTPUT 3.3V TRIM 1 -INPUT 3.3V RETURN +5V OUTPUT 4 +INPUT 5V TRIM 9 7 10 20k 5-22 TURNS
Table 1 shows the typical fixed Trim Resistor values for output voltage changes of 0 through 10%. Trim adjustment greater than 10% can have an adverse affect on the converter's performance and is not recommended.
3.3V Trim Down 0% 1% 2% 3% - 47.81k 22.32k 13.82k 9.57k 7.02k 5.320k 4.10k 3.19k 2.48k 1.92k
3.3V Trim Up - 27.93k 12.78k 7.73k 5.21k 3.69k 2.68k 1.96k 1.42k 1.00k 0.66k
5V Trim Down - 189.75k 91.06k 58.17k 41.72k 31.85k 25.27k 20.57k 17.05k 14.31k 12.12k
5V Trim Up - 61.68k 28.34k 17.23k 11.68k 8.34k 6.12k 4.53k 3.34k 2.42k 1.68k
8
+3.3V LOAD
4% 5% 6% 7% 8% 9% 10%
5
20k 5-22 TURNS
+5V LOAD
5V RETURN
6
Table 1. Percentage of Output Voltage Change vs Trim Resistor Value (Ohms) Figure 3A. Trim Connections Using a Trimpot
A resistor connected from the Trim Pin (pin 5 for 5V trim, pin 8 for 3.3V trim) to the appropriate Return (pin 6 for 5V trim, pin 9 for 3.3V trim) will increase the output voltage.
+3.3V OUTPUT 3.3V TRIM 1 -INPUT 3.3V RETURN +5V OUTPUT 4 +INPUT 5V TRIM 9 7 5 +5V TRIM UP +5V LOAD 10 8 +3.3V TRIM UP +3.3V LOAD
The following equations mathematically depict: Output Voltage for a given Trim Resistor Trim Resistor for a given Output Voltage
5 Volt Trim Up
VO = 5.0 + 1 0.30RTUP (k) + 1.5 RTUP (k) = 1 (0.3VO) - 1.50 -4.99
5 Volt Trim Down
1.14 VO = 1.25 0.38 + 1 RTDOWN (k) + 4.99 +1 1 RTDOWN (k) = 1.14 (0.8VO) - 1 -4.99 -0.38
5V RETURN
6
3.3 Volt Trim Up
Figure 3B. Increase Output Voltage Trim Connections Using a Fixed Resistor
VO = 3.30 +
1 RTUP (k) + 2.37
RTUP (k) =
1 VO - 3.3
-2.37
A single resistor connected from the Trim Pin (pin 5 for 5V trim, pin 8 for 3.3V trim) to its appropriate +Output (pin 7 for 5V trim, pin 10 for 3.3V trim) will decrease the output voltage.
10
3.3 Volt Trim Down
2.07 1 RTDOWN (k)+ 2.37 1 +1 RTDOWN (k) = 2.07 -1.23 VO -1 1.23 -2.37
VO = 1.23
+3.3V OUTPUT 3.3V TRIM 1 -INPUT 3.3V RETURN +5V OUTPUT 4 +INPUT 5V TRIM
1.23 +
8 9 7
+3.3V TRIM DOWN
+3.3V LOAD
Note: Resistor values are in k. Accuracy of adjustment is subject to tolerances of resistor values and factory-adjusted output accuracy. VO = desired output voltage.
+5V LOAD
5 6
+5V TRIM DOWN
Case Connection BCP DC/DC's do not have their metal baseplate connected to one of the input pins. The "uncommitted" baseplate is connected to pin 2 which, depending upon your system configuration, should be connected to either +Input (pin 4), -Input (pin 1), Output Returns (pins 6 & 9), or earth ground.
5V RETURN
Figure 3C. Decrease Output Voltage Trim Connections Using a Fixed Resistor
6
7 5 W, D UA L O U T P U T, M I X E D - VO LTAG E D C / D C C O N V E R T E R S
BCP Models
Typical Performance Curves D24 Model
Output Ripple and Noise (PARD) (VIN = 24V, 5V@7.5A, 3.3V @ 7.5A, external 10F || 1F output capacitors.)
D48 Model
Output Ripple and Noise (PARD) (VIN = 48V, 5V@7.5A, 3.3V @ 7.5A, external 10F || 1F output capacitors.)
3.3V Output Ripple/Noise 20mV/div
3.3V Output Ripple/Noise 20mV/div
5V Output Ripple/Noise 20mV/div
5V Output Ripple/Noise 20mV/div
1sec/div
1sec/div
5V Output Full-Load to Half-Load Transient Response
(VIN = 24V, 3.3V@ 0A, external 10F || 1F output capacitors.)
5V Output Full-Load to Half-Load Transient Response
(VIN = 48V, 3.3V@ 0A, external 10F || 1F output capacitors.)
5V Output 100mV/div
5V Output 100mV/div
15A
15A Output Current 5A/div
Output Current 5A/div
7.5A
7.5A
100sec/div
100sec/div
5V Output Half-Load to Full-Load Transient Response
(VIN = 24V, 3.3V@ 0A, external 10F || 1F output capacitors.)
5V Output Half-Load to Full-Load Transient Response
(VIN = 48V, 3.3V@ 0A, external 10F || 1F output capacitors.)
5V Output 100mV/div
5V Output 100mV/div
15A
15A Output Current 5A/div
Output Current 5A/div
7.5A
7.5A
100sec/div
100sec/div
7
XCP Series
7 5 W, D UA L O U T P U T, M I X E D - VO LTAG E D C / D C C O N V E R T E R S
Typical Performance Curves D24 Model
3.3V Output Full-Load to Half-Load Transient Response
(VIN = 24V, 5V@ 0A, external 10F || 1F output capacitors.)
D48 Model
3.3V Output Full-Load to Half-Load Transient Response
(VIN = 48V, 5V@ 0A, external 10F || 1F output capacitors.)
3.3V Output 100mV/div
3.3V Output 100mV/div
15A
15A Output Current 5A/div
Output Current 5A/div
7.5A
7.5A
100sec/div
100sec/div
3.3V Output Half-Load to Full-Load Transient Response
(VIN = 24V, 5V@ 0A, external 10F || 1F output capacitors.)
3.3V Output Half-Load to Full-Load Transient Response
(VIN = 48V, 5V@ 0A, external 10F || 1F output capacitors.)
3.3V Output 200mV/div
3.3V Output 200mV/div
15A
15A Output Current 5A/div
Output Current 5A/div
7.5A
7.5A
100sec/div
100sec/div
Input Ripple Current
(VIN = 24V, 5V @ 15A, 3.3V@ 0A, external 22F low-ESR input capacitor.)
Input Ripple Current
(VIN = 48V, 5V @ 15A, 3.3V@ 0A, external 22F low-ESR input capacitor.)
50mA/div
50mA/div
1sec/div
1sec/div
8
7 5 W, D UA L O U T P U T, M I X E D - VO LTAG E D C / D C C O N V E R T E R S
BCP Models
Typical Performance Curves D24 Model
Input Ripple Current
(VIN = 24V, 5V @ 0A, 3.3V @ 15A, external 22F low-ESR input capacitor.)
D48 Model
Input Ripple Current
(VIN = 48V, 5V @ 0A, 3.3V @ 15A, external 22F low-ESR input capacitor.)
50mA/div
50mA/div
1sec/div
1sec/div
Start-Up from Remote On/Off Control
(VIN = 24V, 5V@ 7.5A, 3.3V @ 7.5A, external 10F || 1F output capacitors.)
Start-Up from Remote On/Off Control
(VIN = 48V, 5V@ 7.5A, 3.3V @ 7.5A, external 10F || 1F output capacitors.)
Remote On/Off (Pin 3) 2V/div 3.3V Output 2V/div
Remote On/Off (Pin 3) 2V/div 3.3V Output 2V/div
5V Output 2V/div
5V Output 2V/div
4msec/div
4msec/div
Start-Up from VIN
(VIN = 24V, 5V@ 7.5A, 3.3V @ 7.5A, external 10F || 1F output capacitors.)
Start-Up from VIN
(VIN = 48V, 5V@ 7.5A, 3.3V @ 7.5A, external 10F || 1F output capacitors.)
VIN 10V/div
VIN 20V/div
3.3V Output 2V/div
3.3V Output 2V/div
5V Output 2V/div
5V Output 2V/div
4msec/div
4msec/div
9
XCP Series
7 5 W, D UA L O U T P U T, M I X E D - VO LTAG E D C / D C C O N V E R T E R S
Typical Performance Curves D24 Model
Output Power vs. Ambient Temperature (Without heat sink, 5V Output, 3.3V @ 0A.)
80 70
D48 Model
Output Power vs. Ambient Temperature (Without heat sink, 5V Output, 3.3V @ 0A.)
80 70
Output Power (Watts)
50 40 30 20 10 0 -40 Natural Convection Cooling 150 Linear Feet Per Minute 300 Linear Feet Per Minute
Output Power (Watts)
60
60 50 40 30 20 10 0 -40 Natural Convection Cooling 150 Linear Feet Per Minute 300 Linear Feet Per Minute
-10
0
10
20
30
40
50
60
70
80
90
100
-10
0
10
20
30
40
50
60
70
80
90
100
Ambient Temperature (C)
Ambient Temperature (C)
Output Power vs. Ambient Temperature (With HS-CP heat sink, 5V Output, 3.3V @ 0A.)
80 70
Output Power vs. Ambient Temperature (With HS-CP heat sink, 5V Output, 3.3V @ 0A.)
80 70
Output Power (Watts)
Output Power (Watts)
60 50 40 30 20 10 0 -40 Natural Convection Cooling 150 Linear Feet Per Minute 300 Linear Feet Per Minute
60 50 40 30 20 10 0 -40 Natural Convection Cooling 150 Linear Feet Per Minute 300 Linear Feet Per Minute
0
35
40
45
50
55
60
65
70
75
80
85
90
95
100
0
35
40
45
50
55
60
65
70
75
80
85
90
95
100
Ambient Temperature (C)
Output Power vs. Ambient Temperature (Without heat sink, 3.3V Output, 5V @ 0A.)
50
Ambient Temperature (C)
Output Power vs. Ambient Temperature (Without heat sink, 3.3V Output, 5V @ 0A.)
50
Output Power (Watts)
40 30 20 10 0 -40 Natural Convection Cooling 150 Linear Feet Per Minute 300 Linear Feet Per Minute
Output Power (Watts)
40 30 20 10 0 -40 Natural Convection Cooling 150 Linear Feet Per Minute 300 Linear Feet Per Minute
-10
0
10
20
30
40
50
60
70
80
90
100
-10
0
10
20
30
40
50
60
70
80
90
100
Ambient Temperature (C)
Ambient Temperature (C)
Output Power vs. Ambient Temperature (With HS-CP heat sink, 3.3V Output, 5V @ 0A.)
50
Output Power vs. Ambient Temperature (With HS-CP heat sink, 3.3V Output, 5V @ 0A.)
50
Output Power (Watts)
40 30 20 10 0 -40 Natural Convection Cooling 150 Linear Feet Per Minute 300 Linear Feet Per Minute
Output Power (Watts)
40 30 20 10 0 -40 Natural Convection Cooling 150 Linear Feet Per Minute 300 Linear Feet Per Minute
0
35
40
45
50
55
60
65
70
75
80
85
90
95
100
0
35
40
45
50
55
60
65
70
75
80
85
90
95
100
Ambient Temperature (C)
Ambient Temperature (C)
10
7 5 W, D UA L O U T P U T, M I X E D - VO LTAG E D C / D C C O N V E R T E R S
BCP Models
Typical Performance Curves D24 Model
5V Efficiency vs. Load (+3.3V Output @ 0 Amps.)
D48 Model
5V Efficiency vs. Load (+3.3V Output @ 0 Amps)
90 88 86 84
90 88 86 84
VIN = 24V VIN = 75V
Efficiency (%)
80 78 76 74 72 70 68 1.875 3.75 5.625 7.5 9.375 11.25 13.125 15
VIN = 36V VIN = 18V
Efficiency (%)
82
VIN = 30V
82 80 78 76 74 72 70 68 1.875 3.75 5.625
VIN = 36V
VIN = 60V
VIN = 48V
7.5
9.375
11.25
13.125
15
+5V Output Current (Amps)
3.3V Efficiency vs. Load (+5V Output @ 0 Amps.)
+5V Output Current (Amps)
3.3V Efficiency vs. Load (+5V Output @ 0 Amps.)
75.0 72.5 70.0 67.5
VIN = 18V
78 76 74 72
Efficiency (%)
65.0 62.5 60.0 57.5 55.0
VIN = 36V VIN = 30V VIN = 24V
Efficiency (%)
70 68 66 64 62 60 58 56
VIN = 75V
VIN = 60V VIN = 48V VIN = 36V
52.5 50.0 1.875 3.75 5.625 7.5 9.375 11.25 13.125 15
54 1.875
3.75
5.625
7.5
9.375
11.25
13.125
15
+3.3V Output Current (Amps)
+3.3V Output Current (Amps)
Overall Efficiency vs. Line and Load
Overall Efficiency vs. Line and Load
90 88 86 84 Efficiency (%) 82 80 78 76 74 72 70 36 40.4 44.7 49 53.3 57.7 62 66.3 70.7 75 Input Voltage (Volts)
+3.3V @ 0A and +5V @15A +3.3V @ 3.75A and +5V @11.25A +3.3V @ 7.5A and +5V @7.5A +3.3V @ 15A and +5V @0A
90 88 86 84 Efficiency (%) 82 80 78 76 74 72 70 36 40.4 44.7 49 53.3 57.7 62 66.3 70.7 75 Input Voltage (Volts)
+3.3V @ 0A and +5V @15A +3.3V @ 3.75A and +5V @11.25A +3.3V @ 7.5A and +5V @7.5A +3.3V @ 15A and +5V @0A
11
XCP Series
7 5 W, D UA L O U T P U T, M I X E D - VO LTAG E D C / D C C O N V E R T E R S
Typical Performance Curves D24 Model
Output Ripple and Noise (PARD) vs. Input Voltage (One output @ 15A, other output @ 0A, PARD measured on loaded output, 20MHz bandwidth.)
D48 Model
Output Ripple and Noise (PARD) vs. Input Voltage (One output @ 15A, other output @ 0A, PARD measured on loaded output, 20MHz bandwidth.)
70
60 55
Output PARD Voltage (mVp-p)
Output PARD Voltage (mVp-p)
60
PARD 3.3V Output
50 45 40 35 30 25 20 15
PARD 3.3V Output
50
PARD 5V Output
40
Ripple 3.3V Output
PARD 5V Output Ripple 3.3V Output
30
Ripple 5V Output
20
Ripple 5V Output
10 18 20.57 23.14 25.71 28.29 30.86 33.43 36 Input Voltage (Volts)
10 35 40.71 46.43 52.14 57.86 63.57 69.29 75 Input Voltage (Volts)
(R)
(R)
INNOVATION and EXCELLENCE
ISO 9001 REGISTERED
DS-0449
3/01
DATEL, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151 Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356 Internet: www.datel.com Email: sales@datel.com
DATEL (UK) LTD. Tadley, England Tel: (01256)-880444 DATEL S.A.R.L. Montigny Le Bretonneux, France Tel: 01-34-60-01-01 DATEL GmbH Munchen, Germany Tel: 89-544334-0 DATEL KK Tokyo, Japan Tel: 3-3779-1031, Osaka Tel: 6-6354-2025
DATEL makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice. The DATEL logo is a registered DATEL, Inc. trademark.
12


▲Up To Search▲   

 
Price & Availability of BCP-5-33-D48N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X